Part Number Hot Search : 
48R064 GL651USB VIT3080C EE09057 11024 SP915 GL41G FSS250
Product Description
Full Text Search
 

To Download MAL214833153E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 148 RUS
Vishay BCcomponents
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Radial leads, cylindrical aluminum case with pressure relief, insulated with a blue vinyl sleeve * Charge and discharge proof
Fig.1 Component outline
RoHS
COMPLIANT
* Miniaturized, ultra high CV-product per unit volume * Very long useful life: 3000 hours at 105 C, high reliability * Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
* EDP, telecommunication, industrial, automotive and audio-video
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes ( D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 105 C: case D = 10 mm case D 12.5 mm Useful life at 105 C: case D = 10 mm case D 12.5 mm Useful life at 40 C, 1.6 x IR applied: case D = 10 mm case D 12.5 mm Shelf life at 0 V, 105 C Based on sectional specification Climatic category IEC 60068 VALUE 10 x 12 to 18 x 35 47 to 22 000 F 20 % 6.3 to 100 V - 40 to + 105 C 1000 hours 2000 hours 2000 hours 3000 hours 140 000 hours 200 000 hours 1000 hours IEC 60384-4/EN130300 40/105/56
* Smoothing, filtering, buffering in SMPS, timing * Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance value (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Upper category temperature (105 C) * Negative terminal identification * Series number (148)
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 47 68 100 150 220 330 470 680 UR (V) 6.3 10 16 10 x 12 25 10 x 12 10 x 16 35 10 x 12 10 x 16 10 x 20 50 10 x 12 10 x 16 10 x 20 12.5 x 20 63 10 x 12 10 x 16 12.5 x 20 12.5 x 20 12.5 x 25 16 x 20 100 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 -
www.vishay.com 106
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315 Revision: 04-Jan-08
148 RUS
Aluminum Capacitors Vishay BCcomponents Radial, Ultra High CV per Volume, Semi-Professional
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 1000 1500 2200 3300 4700 6800 10 000 15 000 22 000 UR (V) 6.3 10 x 16 12.5 x 20 16 x 20 16 x 25 16 x 31 18 x 35 10 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 16 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 25 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 35 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 50 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 63 16 x 25 16 x 31 18 x 35 100 -
DIMENSIONS in millimeters, AND AVAILABLE FORMS
OD OD
L
+ F
15 min. 4+1 0
+
Od
F Od 5 min.
Fig. 2 Form CA: Long leads
Table 1
Fig.3 Form CB: Cut leads
Fig.4 Form TFA: Taped in box (ammopack)
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODXL 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 Note 1. Tape dimensions see section `PACKAGING' Document Number: 28315 Revision: 04-Jan-08 For technical questions contact: aluminumcaps1@vishay.com www.vishay.com 107 PACKAGING QUANTITIES CASE CODE 14 15 16 17 18 19a 19 20 22 Od 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 O Dmax. 10.5 10.5 10.5 13.0 13.0 16.5 16.5 16.5 18.5 Lmax. F 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 MASS (g) 1.6 1.9 2.2 4.0 5.0 6.0 8.0 9.0 14.5 Form CA 1000 500 500 500 250 250 250 100 100 Form CB 500 500 500 500 250 250 250 100 100 Form TFA 800 800 800 500 500 250 250 250 -
13.5 17.5 22.0 22.0 27.0 22.0 27.0 33.5 37.5
148 RUS
Vishay BCcomponents
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
ELECTRICAL DATA
SYMBOL CR IR IL2 tan Z Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 105 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz
ORDERING EXAMPLE
Electrolytic capacitor 148 series 470 F/25 V; 20 % Nominal case size: 10 x 12 mm; Form TFA Ordering Code: MAL214836471E3 Former 12NC: 2222 148 36471
Table 2
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 2200 4700 6800 10000 15000 22000 1000 1500 2200 3300 4700 4700 6800 10000 15000 680 1000 1500 2200 3300 3300 4700 6800 10000 470 680 1000 1500 2200 2200 3300 4700 6800 NOMINAL CASE SIZE ODxL (mm) 10 x 16 12.5 x 20 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 IR 100 Hz 105 C (mA) 720 1100 1210 1660 2050 2350 460 620 750 1010 1260 1260 1590 1910 2200 450 570 720 930 1180 1120 1480 1790 2100 410 550 690 850 1110 1050 1420 1750 2050 IL2 2 min (A) 139 296 428 630 945 1386 100 150 220 330 470 470 680 1000 1500 109 160 240 352 528 528 752 1088 1600 118 170 250 375 550 550 825 1175 1700 tan 100 Hz Z 100 kHz 20 C () 0.170 0.085 0.060 0.045 0.033 0.032 0.240 0.170 0.130 0.085 0.065 0.060 0.045 0.033 0.032 0.240 0.180 0.130 0.090 0.065 0.060 0.045 0.035 0.032 0.260 0.190 0.130 0.100 0.070 0.060 0.045 0.035 0.033 Z 100 kHz - 40 C () 1.90 0.60 0.30 0.25 0.15 0.15 3.00 1.90 1.50 0.60 0.50 0.30 0.25 0.15 0.15 3.00 2.00 1.50 0.60 0.50 0.30 0.25 0.20 0.20 3.20 2.10 1.50 0.70 0.50 0.30 0.25 0.20 0.20 ORDERING CODE MAL2148....... BULK PACKAGING FORM CA 53222E3 53472E3 53682E3 53103E3 53153E3 53223E3 54102E3 54152E3 54222E3 54332E3 54472E3 94475E3 54682E3 54103E3 54153E3 55681E3 55102E3 55152E3 55222E3 55332E3 95335E3 55472E3 55682E3 55103E3 56471E3 56681E3 56102E3 56152E3 56222E3 96225E3 56332E3 56472E3 56682E3 FORM CB 63222E3 63472E3 63682E3 63103E3 63153E3 63223E3 64102E3 64152E3 64222E3 64332E3 64472E3 94476E3 64682E3 64103E3 64153E3 65681E3 65102E3 65152E3 65222E3 65332E3 95336E3 65472E3 65682E3 65103E3 66471E3 66681E3 66102E3 66152E3 66222E3 96226E3 66332E3 66472E3 66682E3 TAPED FORM TFA 33222E3 33472E3 33682E3 33103E3 33153E3 34102E3 34152E3 34222E3 34332E3 34472E3 94473E3 34682E3 34103E3 35681E3 35102E3 35152E3 35222E3 35332E3 95333E3 35472E3 35682E3 36471E3 36681E3 36102E3 36152E3 36222E3 96223E3 36332E3 36472E3 -
6.3
10
16
25
0.30 0.34 0.38 0.46 0.56 0.66 0.24 0.24 0.26 0.28 0.30 0.30 0.34 0.42 0.52 0.20 0.20 0.20 0.22 0.24 0.24 0.26 0.30 0.36 0.16 0.16 0.16 0.16 0.18 0.18 0.20 0.22 0.26
www.vishay.com 108
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315 Revision: 04-Jan-08
148 RUS
Aluminum Capacitors Vishay BCcomponents Radial, Ultra High CV per Volume, Semi-Professional
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 330 470 680 1000 1500 1500 2200 3300 4700 220 330 470 680 1000 1000 1500 2200 3300 100 220 330 470 680 680 1000 1500 2200 47 68 100 150 220 220 330 470 NOMINAL CASE SIZE ODxL (mm) 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 12.5 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 18 x 35 10 x 12 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 20 16 x 25 16 x 31 IR 100 Hz 105 C (mA) 350 480 580 810 950 970 1270 1620 1930 330 420 530 720 950 880 1180 1520 1810 230 350 540 540 760 820 980 1390 1670 165 190 260 360 440 590 630 750 IL2 2 min (A) 116 165 238 350 525 525 770 1155 1645 110 165 235 340 500 500 750 1100 1650 63 139 208 296 428 428 630 945 1386 47 68 100 150 220 220 330 470 tan 100 Hz Z 100 kHz 20 C () 0.270 0.190 0.140 0.100 0.070 0.063 0.045 0.037 0.033 0.280 0.200 0.140 0.100 0.070 0.068 0.047 0.039 0.035 0.320 0.240 0.130 0.130 0.085 0.070 0.049 0.042 0.038 0.640 0.580 0.380 0.260 0.170 0.140 0.120 0.100 Z 100 kHz - 40 C () 3.30 2.10 1.60 0.70 0.50 0.30 0.25 0.20 0.20 3.40 2.20 1.60 0.70 0.50 0.35 0.30 0.20 0.20 3.90 2.70 0.90 0.90 0.65 0.50 0.25 0.20 0.20 19.20 17.40 11.40 7.80 5.10 4.20 3.60 3.00 ORDERING CODE MAL2148....... BULK PACKAGING FORM CA 50331E3 50471E3 50681E3 50102E3 50152E3 90155E3 50222E3 50332E3 50472E3 51221E3 51331E3 51471E3 51681E3 51102E3 91105E3 51152E3 51222E3 51332E3 58101E3 58221E3 58331E3 58471E3 58681E3 98685E3 58102E3 58152E3 58222E3 59479E3 59689E3 59101E3 59151E3 59221E3 99225E3 59331E3 59471E3 FORM CB 60331E3 60471E3 60681E3 60102E3 60152E3 90156E3 60222E3 60332E3 60472E3 61221E3 61331E3 61471E3 61681E3 61102E3 91106E3 61152E3 61222E3 61332E3 68101E3 68221E3 68331E3 68471E3 68681E3 98686E3 68102E3 68152E3 68222E3 69479E3 69689E3 69101E3 69151E3 69221E3 99226E3 69331E3 69471E3 TAPED FORM TFA 30331E3 30471E3 30681E3 30102E3 30152E3 90153E3 30222E3 30332E3 31221E3 31331E3 31471E3 31681E3 31102E3 91103E3 31152E3 31222E3 38101E3 38221E3 38331E3 38471E3 38681E3 98683E3 38102E3 38152E3 39479E3 39689E3 39101E3 39151E3 39221E3 99223E3 39331E3 39471E3
35
50
63
100
0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.18 0.20 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.16 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.12 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) Resistance Equivalent series resistance (ESR) calculated from tan max. and CR (see Table 2) ESR = tan /2 f CR Case D = 10 mm Case D 12.5 mm typ. 16 nH typ. 18 nH After 2 minutes at UR After 5 minutes at UR IL2 0.01 CR x UR IL5 0.002 CR x UR Us 1.15 UR Urev 1 V CONDITIONS VALUE
Document Number: 28315 Revision: 04-Jan-08
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com 109
148 RUS
Vishay BCcomponents
CAPACITANCE (C)
1.2 C C0 1.1 1 2 3 1.2 C C0 1.0
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
3 2
0.0 0.6
1.0 2 3 0.9 1 0.8 - 60 - 40 - 20 0 20 40 60 80 100 Tamb (C) 120 Curve 1: 10 V Curve 2: 63 V Curve 3: 100 V
1 0.4 Curve 1: 10 V Curve 2: 50 V Curve 3: 100 V 10 102 103 104 Tamb 20 C C0 = typical capacitance at 20 C, 100 Hz 105
0.2
0
C0 = typical capacitance at 20 C, 100 Hz
Fig. 5 Typical multiplier of capacitance as a function of ambient temperature
Fig. 6 Typical multiplier of capacitance as a function of frequency
EQUIVALENT SERIES RESISTANCE (ESR)
100 ESR ESR0 Curve 1: 10 V Curve 2: 63 V 2.0 C C0 1.6 2 10 2 1.2 3 1 Curve 1: 10 V Curve 2: 50 V Curve 3: 100 V
1
0.8 1 1 2 0.4
1 2 3
0.1 - 60 - 40 - 20 0 20 40 60 80 100 Tamb (C) 120
0 10 102 103 104 Tamb = 20 C 105
ESR0 = typical ESR at 20 C, 100 Hz
ESR0 = typical ESR at 20 C, 100 Hz
Fig.7 Multiplier of ESR as a function of ambient temperature
Fig.8 Multiplier of ESR as a function of frequency
IMPEDANCE (Z)
100 Z Z0 Curve 1: 100 V Curve 2: < 63 V 1 2 10
10 102 Curve 1: Curve 2: Curve 3: Curve 4: Curve 5: O 10 x 12 mm; 10 V O 10 x 16 mm; 10 V O 12.5 x 25 mm; 10 V O 16 x 25 mm; 10 V O 18 x 35 mm; 16 V
1
1
10-1
0 - 60 - 40 - 20 0 20 40 60 80 100 Tamb (C) 120
10-2 10 102 103 104 Tamb = 20 C 105
Z0 = typical impedance at 20 C, 100 Hz
Fig.9 Multiplier of impedance as a function of ambient temperature
Fig.10 Typical impedance as a function of frequency
www.vishay.com 110
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315 Revision: 04-Jan-08
148 RUS
Aluminum Capacitors Vishay BCcomponents Radial, Ultra High CV per Volume, Semi-Professional
IMPEDANCE (Z)
102 Z () 10 Curve 1: Curve 2: Curve 3: Curve 4: Curve 5: O 10 x 12 mm; 63 V O 10 x 16 mm; 50 V O 12.5 x 25 mm; 63 V O 16 x 25 mm; 50 V O 18 x 35 mm; 63 V
1 2 3 4 1 5
10-1
10-2 10 102 103 104 Tamb = 20 C 105
Fig.11 Typical impedance as a function of frequency
RIPPLE CURRENT AND USEFUL LIFE
3.8 IA IR 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 2.8 lifetime multiplier 2.6
0 1.
2.4
5 1.
2.2
0 2. 3. 0
2.0
4. 0 0 6. 0 8.
1.8 1.6
12 20
1.4 1.2 1.0 0.8 0.5 0.0
30 60 0 10
(1)
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 105 C
(1)Useful
life at 105 C and IR applied: case D = 10 mm: 2000 h case D 12.5 mm: 3000 h
40
Fig.12 Mulyiplier of useful life as a function of ambient ripple current load
For technical questions contact: aluminumcaps1@vishay.com www.vishay.com 111
0 15 0 20
50
60
70
80
90
100
110
Tamb (C)
Document Number: 28315 Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 6.3 to 25 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 35 V 0.85 1.00 1.20 1.30 1.35 1.40 UR = 50 to 100 V 0.80 1.00 1.25 1.40 1.50 1.60
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 105 C; UR applied case D = 10 mm: 1000 hours case D 12.5 mm: 2000 hours REQUIREMENTS UR = 6.3 V; C/C: + 15 /- 30 % UR 10 V; C/C: 20 % tan 2 x spec. limit Z 2 x spec. limit IL5 spec. limit
Useful life
CECC 30301 subclause 1.8.1
Tamb = 105 C; UR and IR applied case D = 10 mm: 2000 hours case O D 12.5 mm: 3000 hours
UR = 6.3 V; C/C: + 45 /- 50 % UR 10 V; C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 %
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Tamb = 105 C; no voltage applied; 1000 hours after test: UR to be applied for 30 minutes, 24 to 48 hours before measurement
UR = 6.3 V; C/C: + 15 / - 30 % UR 10 V; C/C: 20 % tan 2 x spec. limit Z 2 x spec. limit IL5 2 x spec. limit
Surge
IEC 60384-4/ EN130300 subclause 4.14
from source of 1.15 x UR: RC = 0.1 0.05 s; 1000 cycles of 30 s on, 330 s off, at 105 C
C/C: 20 % tan 1.5 x spec. limit IL5 spec. limit
Reverse voltage
IEC 60384-4/ EN130300 subclause 4.15
Tamb = 105 C: 125 h at U = - 1 V, followed by 125 hours at UR
C/C: 15 % tan 1.5 x spec. limit IL5 spec. limit
www.vishay.com 112
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315 Revision: 04-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL214833153E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X